Part Number Hot Search : 
CTF90 OHS3019U SAMTEC ML4813 TN0201K PMP4201V TPSMC18A MP02T
Product Description
Full Text Search
 

To Download 3046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
3046, 3056, AND 3058
HALL EFFECT GEAR-TOOTH SENSORS-ZERO SPEED
The A3046EU/LU, A3056EU/LU, and A3058EU/LU Hall effect gear-tooth sensors are monolithic integrated circuits that switch in response to differential magnetic fields created by ferrous targets. These devices are ideal for use in gear-tooth-based speed, position, and timing applications and operate down to zero rpm over a wide range of air gaps and temperatures. When combined with a backbiasing magnet and proper assembly techniques, devices can be configured to give 50% duty cycle or to switch on either leading, trailing, or both edges of a passing gear tooth or slot. The six devices differ only in their magnetic switching values and operating temperature ranges. The low hysteresis of the A3046/56EU and A3046/56LU makes them perfectly suited for ABS (anti-lock brake system) or speed sensing applications where maintaining large air gaps is important. The A3046EU/LU features improved switch point stability with temperature over the A3056EU/LU. The high hysteresis of the A3058EU and A3058LU, with their excellent temperature stability, makes them especially suited to ignition timing applications where switch-point accuracy (and latching requirements) is extremely important.
Continued next page...
Data Sheet 27612A*
X
X
V
CC
1
2
3
GROUND
OUTPUT
SUPPLY
BENEFITS
Dwg. PH-012
Pinning is shown viewed from branded side.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . . 28 V Reverse Battery Voltage, VRCC . . . . . . . . . . . . . . . . . . . . . . -30 V Magnetic Flux Density, B . . . . . Unlimited Output OFF Voltage, VOUT . . . . . . . . . 28 V Reverse Output Voltage, V OUT . . . . . -0.5 V Output Current, IOUT . . . . . . . . . . . . 25 mA Package Power Dissipation, PD . . 500 mW Operating Temperature Range, TA Suffix "EU" . . . . . . . . . -40C to +85C Suffix "LU" . . . . . . . . -40C to +150C Storage Temperature Range, TS . . . . . . . . . . . . . . . -65C to +170C
s s s s s s s s s
Senses Ferrous Targets Down to Zero RPM Large Effective Air Gap Wide Operating Temperature Range Operation from Unregulated Supply High-Speed Operation Output Compatible With All Logic Families Reverse Battery Protection Solid-State Reliability Resistant to Physical Stress
SELECTION GUIDE
Switching Hysteresis, BOP -BRP 15-90 G Operating Temp. Range -40C to +85C -40C to +150C A3046EU A3056EU A3046LU A3056LU 150-250 G A3058EU A3058LU Device Type Number
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
All devices, when used with a backbiasing magnet, can be configured to turn ON or OFF with the leading or trailing edge of a gear tooth or slot. Changes in fields on the magnet face caused by a moving ferrous mass are sensed by two integrated Hall transducers and are differentially amplified by on-chip electronics. The on-chip temperature compensation and Schmitt trigger circuitry minimizes shifts in effective working air gaps and switch points over temperature making these devices ideal for use in ignition timing, anti-lock braking systems, and speed measurement systems in hostile automotive and industrial environments. Each Hall effect digital Integrated circuit includes two quadratic Hall effect sensing elements, a voltage regulator, temperature compensating circuitry, low-level amplifier, Schmitt trigger, and an open-collector output driver. The on-board regulator permits operation with supply voltages of 4.5 to 24 volts. The output stage can switch up to 20 mA at conservatively specified repetition rates to 20 kHz and is compatible with bipolar and MOS logic circuits.
FUNCTIONAL BLOCK DIAGRAM
1 SUPPLY
REG
OUTPUT 3
+ - X X
2 GROUND
Dwg. FH-010
Both magnetic characteristics are available in a choice of two operating temperature ranges. Suffix EU devices have an operating range of -40C to +85C while suffix LU devices feature an operating range of -40C to +150C. All devices are packaged in a 3-pin plastic SIP.
ELECTRICAL CHARACTERISTICS at VCC = 8 V, over operating temperature range.
Limits Characteristic Supply Voltage Power-Up State Output Saturation Voltage Output Leakage Current Supply Current Output Rise time Output Fall time Symbol VCC -- VOUT(SAT) IOFF ICC tr tf Test Conditions Operating 3058* only, VCC = 0 4.5 V, B < B OP IOUT = 20 mA, B > BOP VCC = V OUT = 24 V, B < BRP VCC = 24 V, B < B RP RL = 820 , CL = 20 pF RL = 820 , CL = 20 pF -- -- -- -- -- Min. 4.5 Typ. -- Output is OFF 135 -- 7.2 100 100 400 5.0 14 -- -- Max. 24 Units V -- mV A mA ns ns
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1989, 1995 Allegro MicroSystems, Inc.
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
MAGNETIC CHARACTERISTICS in gauss at VCC = 8 V.
Part Numbers* 3046 Characteristic Operate Point, BOP Test Conditions Output Switches OFF to ON, TA = +25C Output Switches ON to OFF, TA = +25C BOP -BRP, T A = +25C Over operating temperature range, Ref. BOP or BRP at TA = +25C Min. Typ. Max. -- -- 150 3056 Min. Typ. Max. -- -- 150 3058 Min. Typ. Max. -- -- 250
Release Point, BRP
-150
--
--
-150
--
--
-250
--
--
Hysteresis, Bhys
15
50
90
15
50
90
150 200 250
Change in Trip Point, BOP or BRP
--
--
50
--
--
75
--
--
50
SATURATION VOLTAGE IN mV
NOTES: 1. Magnetic switch points are specified as the difference in magnetic fields at the two Hall elements. 2. As used here, negative flux densities are defined as less than zero (algebraic convention). 3. Typical values are at TA = +25C. * Complete part number includes the prefix `A' and a suffix to identify operating temperature range and package style. See selection guide.
TYPICAL OPERATING CHARACTERISTICS
200
V =8V CC I OUT 20 mA =
180
160
140
120
100 -50 0 50 100 150
Dwg. GH-033
AMBIENT TEMPERATURE IN C
10
TA = +25C
11
V CC= 24 V
9
10
B > B OP
SUPPLY CURRENT IN mA
SUPPLY CURRENT IN mA
9
B > B OP
8
B < B RP
8
7
7
B < B RP
6
6
5 0 5 10 15 20 25
Dwg. GH-031
5 -50
0
50
100
150
Dwg. GH-032
SUPPLY VOLTAGE IN VOLTS
AMBIENT TEMPERATURE IN C
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
Figure 1
TYPICAL GEAR-TOOTH SENSING APPLICATION
APPLICATIONS INFORMATION
A gear-tooth sensing system consists of the sensor IC, a backbiasing magnet, an optional pole piece, and a target (Figure 1). The system requirements are usually specified in terms of the effective working air gap between the package and the target (gear teeth), the number of switching events per rotation of the target, temperature and speed ranges, minimum pulse duration or duty cycle, and switch point accuracy. Careful choice of the sensor IC, magnet material and shape, target material and shape, and assembly techniques enables large working air gaps and high switch-point accuracy over the system operating temperature range. Naming Conventions. With a south pole in front of the branded surface of the sensor, a north pole behind the sensor, the field at the sensor is defined as positive. As used here, negative flux densities are defined as less than zero (algebraic convention), e.g., -100 G is less than -50 G. Magnet Biasing. In order to sense moving non-magnetized ferrous targets, these devices must be back-biased by mounting the unbranded side on a small permanent magnet. Either magnetic pole (north or south) can be used. The devices can also be used without a back-biasing magnet. In this configuration, the sensor can be used to detect a rotating ring magnet such as those found in brushless dc motors or in speed sensing applications. Here, the sensor detects the magnetic field gradient created by the magnetic poles. Figure 2
BACK-BIASING MAGNET S
OPTIONAL POLE PIECE
SENSOR IC
A
N
S
TARGET GEAR
TYPICAL TRANSFER CHARACTERISTIC
Dwg. AH-003
24 V MAX
OUTPUT VOLTAGE IN VOLTS
B OP
B RP
0 -B
V OUT(SAT)
0 DIFFERENTIAL FLUX DENSITY, BE1 - BE2
+B
Dwg. GH-034
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
Sensor Operation. The A3046EU/LU, A3056EU/LU, and A3058EU/LU sensor ICs each contain two integrated Hall transducers (E1 and E2) that are used to sense a magnetic field differential across the face of the IC (see SENSOR LOCATION drawing). Referring to Figure 2, the trigger switches the output ON (output LOW) when BE1 - BE2 > B OP and switches the output OFF (output HIGH) when BE1 - BE2 < BRP. The difference between BOP and BRP is the hysteresis of the device. Figure 3 relates the output state of a back-biased sensor IC, with switching characteristics shown in Figure 2, to the target gear profile and position. Assume a north pole back-bias configuration (equivalent to south pole at the face of the device). The motion of the gear produces a phase-shifted field at E1 and E2 (Figure 3 (a)); internal conditioning circuitry subtracts the field at the two elements (Figure 3 (b)); and the Schmitt trigger at the output of the conditioning circuitry switches at the pre-determined thresholds (BOP and B RP). As shown (Figure 3 (c)), the IC output is LOW whenever sensor E1 sees a (ferrous) gear tooth and sensor E2 faces air. The output is HIGH when sensor E1 sees air and sensor E2 sees the ferrous target. A gear-tooth sensor can be configured (see ASSEMBLY TECHNIQUES) to operate as a latch, a (positive) switch, or a negative switch. Note the change in duty cycle in each of the cases (Figure 4). A latch is a device where the operate point is greater than zero gauss and the release point is less than zero gauss. With the configuration shown in Figure 3, such a device will switch ON on the leading edge and OFF on the trailing edge of the target tooth. A (positive) switch is a device where both the operate and release points are greater than zero gauss (positive values). In the configuration shown in Figure 3, such a Figure 3
GEAR-TOOTH SENSOR OPERATION
LEADING EDGE TRAILING EDGE
GEAR
DIRECTION OF ROTATION
E2 NORTH
E1
SOUTH
4300 G
B &B
E1
E2
(a)
4130 G 150 G B OP= +25 G
(b)
B -B
E1 E2
0G B RP= -25 G -150 G
V
OUT
(c)
V
OUT(SAT)
OUTPUT DUTY CYCLE 50%
Dwg. WH-003
device will switch ON and then switch OFF on the leading or rising edge of the target tooth (Figure 4 (a)). A negative switch is a device where both the operate and release points are less than zero gauss (negative values). In the configuration shown in Figure 3, such a device will switch OFF and then switch ON on the trailing or falling edge of the target tooth (Figure 4 (b)). Speed sensors can use any of the three sensor configurations described. Timing sensors, however, must use a latch to guarantee dual-edge detection. Latches are most easily made using the A3058EU or A3058LU device types.
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
SYSTEM ISSUES
Figure 4 Optimal performance of a gear-tooth sensing system strongly depends on four factors: the IC magnetic parameters, the magnet, the pole piece configuration, and the target. Sensor Specifications. Shown in Figure 5 are graphs of the differential field as a function of air gap. A 48-tooth, 2.5" (63.5 mm) diameter, uniform wheel similar to that used in ABS applications is used. The samarium cobalt magnet is 0.32" diameter by 0.20" long (8.13 x 5.08 mm). The maximum functioning air gap with this typical gear/ magnet combination can be determined using the graphs and the specifications for the sensor IC. In this case, if an A3056EU/LU sensor with a BOP of +25 G and a BRP of -25 G is used, the maximum allowable air gap would be 0.110" (2.79 mm). If the switch points change +75 G with temperature (BOP = + 100 G, BRP = +50 G), the maximum air gap will be approximately 0.077" (1.96 mm). All system issues should be translated back to such a profile to aid the prediction of system performance. Magnet Selection. These devices can be used with a wide variety of commercially available permanent magnets. The selection of the magnet depends on the operational and environmental requirements of the sensing system. For systems that require high accuracy and large working airgaps or an extended temperature range, the usual magnet material of choice is rare earth samarium cobalt (SmCo). This magnet material has a high energy product and can operate over an extended temperature range. For systems that require low-cost solutions for an extended temperature range, Alnico-8 can be used. Due to its relatively low energy product, smaller operational airgaps can be expected. At this time, neodymium iron boron (NeFeB) is not a proven high-temperature performer; at temperatures above
POSITIVE AND NEGATIVE SWITCH OPERATION
150 G B OP= +100 G B RP = +50 G B -B
E1 E2
(a)
-150 G
V
OUT
V
OUT(SAT)
OUTPUT DUTY CYCLE = 65%
150 G
B -B
E1 E2
B OP = -50 G B RP = -100 G
(b)
-150 G
V
OUT
V
OUT(SAT)
OUTPUT DUTY CYCLE = 33%
Dwg. WH-004
+150C it may irreversibly lose magnetic strength. Of these three magnet materials, Alnico-8 is the least expensive by volume and SmCo is the most expensive. Either cylindrical- or cube-shaped magnets can be used, as long as the magnet pole face at least equals the facing surface(s) of the IC package and the pole piece. Choose the length of the magnet to obtain a high length-to-width ratio, up to 0.75:1 for rare earths, or 1.5:1 for Alnico-8. Any added magnet length may incrementally improve the allowable maximum air gap. Magnets, in general, have a non-uniform magnetic surface profile. The flux across the face of a magnet can vary by as much as 5% of the average field over a 0.10" (2.5 mm) region. If a Hall sensor is placed directly on a magnet face, the non-uniformity can appear to shift the operating parameters of the sensor. For example, if a device is placed on a 3000 G magnet with 2% face offsets, each of the operating points might be shifted by 60 G. When offsets are present, the operating characteristics may be greatly altered.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
Figure 5
DIFFERENTIAL FLUX DENSITY
2000 1500
DIFFERENTIAL FLUX DENSITY IN GAUSS
1000 500 0 -500 -1000 -1500 -2000 0 0.025 0.050 0.075 0.100 0.125
Dwg. GH-035
Pole Piece Design. A pole piece may be used at the face of the magnet to smooth out the magnet-face offsets. A 0.020" (0.51 mm) thick, soft-iron pole piece will bring the field non-uniformity down to the 1%-to-3% range. Note that pole pieces will minimize but not eliminate the non-uniformity in the magnet face field. Front pole pieces will almost always result in a reduced maximum air gap. Ferrous Targets. The best ferrous targets are made of cold-rolled low-carbon steel. Sintered-metal targets are also usable, but care must be taken to ensure uniform material composition and density. The teeth or slots of the target should be cut with a slight angle so as to minimize the abruptness of transition from metal to air as the target passes by the sensor. Sharp transitions will result in magnetic overshoots that can result in false triggering.
AIRGAP FROM PACKAGE FACE IN INCHES 200 150
DIFFERENTIAL FLUX DENSITY IN GAUSS
100 50 0 -50 -100 -150 -200 0.070
Gear teeth larger than 0.10" (2.54 mm) wide and at least 0.10" (2.54 mm) deep provide reasonable working air gaps and adequate change in magnetic field for reliable switching. Generally, larger teeth and slots allow a larger air gap. A gear tooth width approximating the spacing between sensors (0.088" or 2.24 mm) requires special care in the system design and assembly techniques.
ASSEMBLY TECHNIQUES
Due to magnet face non-uniformities and device variations, it is recommended that applications requiring precision switching utilize a mechanical optimization procedure during assembly. Without a pole piece, the inherent magnet face offsets can be used to pre-bias the magnetic circuit to obtain any desired operating mode. This is achieved by physically changing the relative position of the magnet behind the sensor to achieve the desired system performance objective. For example, with a rotating ABS gear, the objective might be a 50% duty cycle at maximum air gap. Similar objectives can be set for ignition (crank and cam position) sensing systems. Non-precision speed sensing applications do not require optimization. For applications where mechanical optimization is not feasible, non-zero speed devices such as the UGN/UGS3059KA ac-coupled gear-tooth sensor are available.
0.080
0.090
0.100
0.110
0.120
Dwg. GH-036
AIRGAP FROM PACKAGE FACE IN INCHES
SENSOR LOCATIONS
(0.005" [0.13 mm] die placement)
0.088" 2.23 mm ACTIVE AREA DEPTH 0.015" 0.38 mm NOM
0.046" 1.17 mm
0.075" 1.89 mm E2 3
Dwg. MH-002-8D
E1
A
BRANDED SURFACE 1 2
3046, 3056, AND 3058 HALL EFFECT GEAR-TOOTH SENSORS -ZERO SPEED
Dimensions in Inches
(controlling dimensions)
0.183 0.178 0.063 0.059
Dimensions in Millimeters
(for reference only)
4.65 4.52 1.60 1.50
0.181 0.176 45 0.086
MAX
4.60 4.47 45 2.18
MAX
1
2
3
0.018
1
2
3
0.46
0.600 0.560 0.016
SEE NOTE
0.015
15.24 14.23 0.41
SEE NOTE
0.38
0.050 0.100
Dwg. MH-003D in
1.27 2.54
Dwg. MH-003D mm
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line). 2. Exact body and lead configuration at vendor's option within limits shown. 3. Height does not include mold gate flash.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the design of its products. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties which may result from its use.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm). 5. Where no tolerance is specified, dimension is nominal. 6. Minimum lead length was 0.500" (12.70 mm). If existing product to the original specifications is not acceptable, contact sales office before ordering.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of 3046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X